Part Number Hot Search : 
LV1017 LA112B L6238S 2SK3419 VF2010 AKD4345 ML520G54 SI850X
Product Description
Full Text Search
 

To Download CUS0206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CUS02
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CUS02
Switching Mode Power Supply Applications Portable Equipment Battery Application
* * * * Forward voltage: VFM = 0.45 V@IF = 0.7 A Average forward current: IF (AV) = 1.0 A Repetitive peak reverse voltage: VRRM = 30 V Suitable for compact assembly due to small surface-mount package "US-FLATTM" (Toshiba package name) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Repetitive peak reverse voltage Average forward current Peak one cycle surge forward current Junction temperature Storage temperature range Symbol VRRM IF (AV) IFSM Tj Tstg Rating 30 1.0 (Note 1) 20 (50 Hz) -40 to 150 -40 to 150 Unit V A A C C
JEDEC JEITA TOSHIBA
Note 1: Ta = 52C:
Device mounted on a glass-epoxy board Board size: 50 mm x 50 mm, Land size: 6 mm x 6 mm Rectangular waveform ( = 180), VR = 15 V
3-2B1A
Weight: 0.004 g (typ.)
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25C)
Characteristics Symbol VFM (1) Peak forward voltage VFM (2) VFM (3) Repetitive peak reverse current Junction capacitance IRRM (1) IRRM (2) Cj IFM = 0.1 A IFM = 0.7 A IFM = 1.0 A VRRM = 5 V VRRM = 30 V VR = 10 V, f = 1.0 MHz Device mounted on a ceramic board (soldering land: 2 mm x 2 mm) Rth (j-a) Device mounted on a glass-epoxy board (soldering land: 6 mm x 6 mm) Junction to lead of cathode side Test Condition Min Typ. 0.35 0.42 0.47 0.7 10 40 Max 0.45 100 75 C/W 150 30 C/W A pF V Unit
Thermal resistance (junction to ambient)
Thermal resistance (junction to lead)
Rth (j-I)
1
2006-11-13
CUS02
Marking
Abbreviation Code 2 Part No. CUS02
Standard Soldering Pad
Unit: mm 2.0 0.5 0.8
1.1
0.8
Handling Precaution
Schottky barrier diodes have reverse current characteristics compared to other diodes. There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage. Please take forward and reverse loss into consideration during design. The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be exceeded during operation, even for an instant. The following are the general derating methods that we recommend when you design a circuit with a device. VRRM: Use this rating with reference to the above. VRRM has a temperature coefficient of 0.1%/C. Take this temperature coefficient into account designing a device at low temperature. We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IF(AV) and Tj be below 120C. When using this device, take the margin into consideration by using an allowable Tamax-IF(AV) curve. This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation, which seldom occurs during the lifespan of the device. Derate this rating when using a device in order to ensure high reliability. We recommend that the device be used at a Tj of below 120C.
IF(AV):
IFSM:
Tj:
Thermal resistance between junction and ambient fluctuates depending on the device's mounting condition. When using a device, design a circuit board and a soldering land size to match the appropriate thermal resistance value. Please refer to the Rectifiers databook for further information.
2
2006-11-13
CUS02
iF - vF
10 0.6
PF (AV) - IF (AV)
iF (A)
Average forward power dissipation PF (AV) (W)
0.5 180 0.4 120
DC
Instantaneous forward current
1
Tj = 150C 75C 100C 25C
0.3 = 60 0.2 Rectangular waveform
0.1
0.1
0 360 Conduction angle:
0.01 0.0
0.2
0.4
0.6
0.8
1.0
0 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous forward voltage vF
(V)
Average forward current
IF (AV)
(A)
Ta max - IF (AV)
160
Ta max - IF (AV)
160
Maximum allowable ambient temperature Ta max (C)
140 120 100 80 60 40 0 360 20 0 0.0 Conduction angle: VR = 15 V 0.2 0.4 = 60 Rectangular waveform IF (AV)
Maximum allowable ambient temperature Ta max (C)
Device mounted on a ceramic board (board size: 50 mm x 50 mm)
140 120 100 80 = 60 60 40 0 360 20 0 0.0 Conduction angle: VR = 15 V 0.2 0.4 Rectangular waveform IF (AV)
Device mounted on a glass-epoxy board (board size: 50 mm x 50 mm, land size: 6 mm x 6 mm)
120
180
DC
120
180
DC
0.6
0.8
1.0
1.2
1.4
1.6
0.6
0.8
1.0
1.2
1.4
1.6
Average forward current
IF (AV)
(A)
Average forward current
IF (AV)
(A)
TI max - IF (AV)
160
Maximum allowable lead temperature TI max (C)
140 120 100 80 60 40 0 360 20 0 0.0 Conduction angle: VR = 15 V 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 = 60 Rectangular waveform IF (AV) 120 180 DC 10000
rth (j-a) - t
Transient thermal impedance rth (j-a) (C/W)
(1) Device mounted on a ceramic board Soldering land: 2.0 mm x 2.0 mm (2) Device mounted on a glass-epoxy board Soldering land: 6.0 mm x 6.0 mm (3) Device mounted on a glass-epoxy board Standard Soldering pad
1000
(3) (2) (1)
100
10
1 0.001
0.01
0.1
1
10
100
1000
Average forward current
IF (AV)
(A)
Time t (s)
3
2006-11-13
CUS02
Surge forward current (non-repetitive)
24 Ta = 25C f = 50 Hz 20 1000
Cj - VR
(typ.)
f = 1 MHz Ta = 25C
IFSM (A)
Peak surge forward current
16
12
Junction capacitance
10 100
Cj (pF)
100
8
4
0 1
Number of cycles
10 1
10
100
Reverse voltage
VR
(V)
IR - Tj
100 Pulse test 10 VR = 30 V 20 V 15 V 0.1 5V 0.01 3V 10 V
(typ.)
0.8 0.7 0.6 0.5 0.4 0 360 Conduction angle: Tj = 150C Rectangular waveform
PR (AV) - VR
(typ.)
Average reverse power dissipation PR (AV) (W)
(mA)
DC 300 240 180
1
Reverse current IR
0.3 120 0.2 0.1 0.0 0 60
0.001
0.0001 0
20
40
60
80
100
120
140
160
10
20
30
Junction temperature Tj
(C)
Reverse voltage
VR
(V)
4
2006-11-13
CUS02
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2006-11-13


▲Up To Search▲   

 
Price & Availability of CUS0206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X